Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CWA-STANDARD-R Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce CWA-STANDARD-R
Description  CodeWarrior™ Development Studio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

CWA-STANDARD-R Fiches technique(HTML) 2 Page - NXP Semiconductors

  CWA-STANDARD-R Datasheet HTML 1Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 2Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 3Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CodeWarrior Development Studio provides the capabilities required by every engineer in the development cycle: from board bring-up to
firmware development to final application development.
Features
Benefit
Special
Edition
Basic
Edition
Standard
Edition
Professional
Edition
IDE
Project Wizard
Gets you up and programming fast.
Yes
Yes
Yes
Yes
Program Manager
Eliminates confusing and often complex make-files with
visual preference panels.
• Projects
Unlimited
Unlimited
Unlimited
Unlimited
• Sub Projects
Yes
Yes
Yes
Yes
Build Tools
Macro Assembler
for HC(S)08, RS08
and V1 ColdFire®
MCUs
For specific optimizations only you can provide.
Unlimited
Unlimited
Unlimited
Unlimited
Optimizing
Compiler for
HC(S)08, RS08 and
V1 ColdFire MCUs
Reduces code size and maximizes the capabilities of
the microcontroller to achieve top performance.
HC(S)08/RS08:
C–32 KB,
V1 ColdFire:
C–64 KB
HC(S)08/RS08:
C–64 KB,
V1 ColdFire:
C–128 KB
C–Unlimited
C–Unlimited
C++–Unlimited
Libmaker
Allows reuse and maintenance of code through libraries.
Yes
Yes
Yes
Yes
Debug Tools
Source-Level
Debugger
Speeds debug cycles by viewing the source code as it
executes.
ASM–Unlimited
HC(S)08:
C–32 KB
V1 ColdFire:
C–64 KB
ASM–Unlimited
HC(S)08:
C–64 KB
V1 ColdFire:
C–128 KB
ASM–Unlimited
C–Unlimited
ASM–Unlimited
C–Unlimited
C++–Unlimited
Flash Programming Fully integrated flash programming improves the build-
debug cycle because it automates your downloads.
Yes
Yes
Yes
Yes
Simulator
Reduces costs and eliminates possible hardware issues
during development.
Yes
Yes
Yes
Yes
Decoder
Allows you create listings of ELF files.
Yes
Yes
Yes
Yes
Data Visualization
and I/O Stimulation
Lets you see how your program effects peripherals and
responds to outside input.
One Component /
Three Elements
One Component /
Three Elements
Unlimited
Unlimited
OSEK Awareness
Ready to work with OSEK, for RTOS-aware
debug capabilities.
Yes
Session Record
and Play
Automates repetitive debug cycles during
program validation.
Yes
Advanced Tools
Device Initialization
for HC(S)08/RS08
and V1 ColdFire
MCUs
Allows you to graphically set up the CPU peripheral
registers and generate initialization code (ASM or C)
tailored to your application.
Yes
Yes
Yes
Yes
Processor Expert™
for HC(S)08 and V1
ColdFire MCUs
Abstracts the hardware layer and generates optimized,
microcontroller-specific code (C) tailored to your
application, so you can concentrate on design.
• Basic Beans
Yes
Yes
Yes
Yes
• Software Beans
Yes
Yes
• Advanced Beans
Yes
Bean Wizard
Allows you to create reusable software components,
which can be easily retargeted to any Freescale hybrid,
HC(S)08 or HC(S)12 microcontroller.
Yes
Profile Analysis and
Code Coverage
Gives you visibility into your running program to allow
fine tuning and better quality metrics.
Yes
PC-Lint Plug-In
Ensures compliance with MISRA and other code quality
and style guidelines.
Yes
Service Packs, which add support for new devices, are also available at
www.freescale.com/codewarrior/downloads.



Html Pages

1 2 3 4