Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF52820-QDAA-R Fiches technique(PDF) 365 Page - Nordic Semiconductor

No de pièce NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Fiches technique(HTML) 365 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 361Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 362Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 363Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 364Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 365Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 369Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
L
J I
H
G F E
D
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
Enabled
1
Read: Enabled
C
RW RXDRDY
Write '1' to disable interrupt for event RXDRDY
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW ENDRX
Write '1' to disable interrupt for event ENDRX
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW TXDRDY
Write '1' to disable interrupt for event TXDRDY
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
F
RW ENDTX
Write '1' to disable interrupt for event ENDTX
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
G
RW ERROR
Write '1' to disable interrupt for event ERROR
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
H
RW RXTO
Write '1' to disable interrupt for event RXTO
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
I
RW RXSTARTED
Write '1' to disable interrupt for event RXSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
J
RW TXSTARTED
Write '1' to disable interrupt for event TXSTARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
L
RW TXSTOPPED
Write '1' to disable interrupt for event TXSTOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.25.9.21 ERRORSRC
Address offset: 0x480
Error source
This register is read/write one to clear.
4463_156 v1.0
365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More