Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF52820-QDAA-R Fiches technique(PDF) 56 Page - Nordic Semiconductor

No de pièce NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Fiches technique(HTML) 56 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 437 page
background image
Power and clock management
• CLOCK — Clock control on page 69
• POWER — Power supply on page 49
• NVMC — Non-volatile memory controller on page 19
• CPU on page 14
• Flash memory
• RAM
See Debug on page 40 for more information.
Because the CPU is kept on in an emulated System OFF mode, it is recommended to add an infinite loop
directly after entering System OFF, to prevent the CPU from executing code that normally should not be
executed.
5.3.4 System ON mode
System ON is the default state after power-on reset. In System ON mode, all functional blocks such as the
CPU or peripherals can be in IDLE or RUN mode, depending on the configuration set by the software and
the state of the application executing.
Register RESETREAS on page 62 provides information about the source causing the wakeup or reset.
The system can switch the appropriate internal power sources on and off, depending on the amount of
power needed at any given time. The power requirement of a peripheral is directly related to its activity
level, and the activity level of a peripheral fluctuates when specific tasks are triggered or events are
generated.
5.3.4.1 Sub-power modes
In System ON mode, when the CPU and all peripherals are in IDLE mode, the system can reside in one of
the two sub-power modes.
The sub-power modes are:
• Constant Latency
• Low-power
In Constant Latency mode, the CPU wakeup latency and the PPI task response are constant and kept at
a minimum. This is secured by forcing a set of basic resources to be turned on while in sleep. The cost of
constant and predictable latency is increased power consumption. Constant Latency mode is selected by
triggering the CONSTLAT task.
In Low-power mode, the automatic power management system described in System ON mode on page
56 ensures that the most efficient supply option is chosen to save power. The cost of having the lowest
possible power consumption is a varying CPU wakeup latency and PPI task response. Low-power mode is
selected by triggering the LOWPWR task.
When the system enters System ON mode, it is by default in the sub-power mode Low-power.
5.3.5 RAM power control
The RAM power control registers are used for configuring the following:
• The RAM sections to be retained during System OFF
• The RAM sections to be retained and accessible during System ON
In System OFF, retention of a RAM section is configured in the RETENTION field of the corresponding
register RAM[n].POWER (n=0..3) on page 66.
In System ON, retention and accessibility of a RAM section is configured in the RETENTION and POWER
fields of the corresponding register RAM[n].POWER (n=0..3) on page 66.
The following table summarizes the behavior of these registers.
4463_156 v1.0
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More