| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52820-QDAA-R Fiches technique(PDF) 363 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Fiches technique(HTML) 363 Page - Nordic Semiconductor |
|
363 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description C RW RXDRDY Enable or disable interrupt for event RXDRDY Disabled 0 Disable Enabled 1 Enable D RW ENDRX Enable or disable interrupt for event ENDRX Disabled 0 Disable Enabled 1 Enable E RW TXDRDY Enable or disable interrupt for event TXDRDY Disabled 0 Disable Enabled 1 Enable F RW ENDTX Enable or disable interrupt for event ENDTX Disabled 0 Disable Enabled 1 Enable G RW ERROR Enable or disable interrupt for event ERROR Disabled 0 Disable Enabled 1 Enable H RW RXTO Enable or disable interrupt for event RXTO Disabled 0 Disable Enabled 1 Enable I RW RXSTARTED Enable or disable interrupt for event RXSTARTED Disabled 0 Disable Enabled 1 Enable J RW TXSTARTED Enable or disable interrupt for event TXSTARTED Disabled 0 Disable Enabled 1 Enable L RW TXSTOPPED Enable or disable interrupt for event TXSTOPPED Disabled 0 Disable Enabled 1 Enable 6.25.9.19 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID L J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Write '1' to enable interrupt for event CTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to enable interrupt for event NCTS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to enable interrupt for event RXDRDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 363 |