| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 330 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 330 Page - Nordic Semiconductor |
|
330 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW COMPARE0 Write '1' to Enable interrupt for COMPARE[0] event See EVENTS_COMPARE[0] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW COMPARE1 Write '1' to Enable interrupt for COMPARE[1] event See EVENTS_COMPARE[1] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW COMPARE2 Write '1' to Enable interrupt for COMPARE[2] event See EVENTS_COMPARE[2] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW COMPARE3 Write '1' to Enable interrupt for COMPARE[3] event See EVENTS_COMPARE[3] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.16.10.2 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TICK Write '1' to Disable interrupt for TICK event See EVENTS_TICK Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW OVRFLW Write '1' to Disable interrupt for OVRFLW event See EVENTS_OVRFLW Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW COMPARE0 Write '1' to Disable interrupt for COMPARE[0] event See EVENTS_COMPARE[0] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 330 |