| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 48 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 48 Page - Nordic Semiconductor |
|
48 / 483 page ![]() Core components 4.6 EasyDMA EasyDMA is a module implemented by some peripherals to gain direct access to Data RAM. EasyDMA is an AHB bus master similar to CPU and is connected to the AHB multilayer interconnect for direct access to Data RAM. EasyDMA is not able to access flash. A peripheral can implement multiple EasyDMA instances to provide dedicated channels. For example, for reading and writing of data between the peripheral and RAM. This concept is illustrated in EasyDMA example on page 48. Peripheral READER Peripheral core AHB multilayer AHB WRITER AHB RAM RAM RAM EasyDMA EasyDMA Figure 4: EasyDMA example An EasyDMA channel is usually implemented like illustrated by the code below, but some variations may occur: READERBUFFER_SIZE 5 WRITERBUFFER_SIZE 6 uint8_t readerBuffer[READERBUFFER_SIZE] __at__ 0x20000000; uint8_t writerBuffer[WRITERBUFFER_SIZE] __at__ 0x20000005; // Configuring the READER channel MYPERIPHERAL->READER.MAXCNT = READERBUFFER_SIZE; MYPERIPHERAL->READER.PTR = &readerBuffer; // Configure the WRITER channel MYPERIPHERAL->WRITER.MAXCNT = WRITEERBUFFER_SIZE; MYPERIPHERAL->WRITER.PTR = &writerBuffer; This example shows a peripheral called MYPERIPHERAL that implements two EasyDMA channels - one for reading called READER, and one for writing called WRITER. When the peripheral is started, it is assumed that the peripheral will: • Read 5 bytes from the readerBuffer located in RAM at address 0x20000000. • Process the data. 4430_161 v1.0 48 |