Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30239 Fiches technique(PDF) 7 Page - Wiha Tools

No de pièce 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Fiches technique(HTML) 7 Page - Wiha Tools

Back Button 30239 Datasheet HTML 3Page - Wiha Tools 30239 Datasheet HTML 4Page - Wiha Tools 30239 Datasheet HTML 5Page - Wiha Tools 30239 Datasheet HTML 6Page - Wiha Tools 30239 Datasheet HTML 7Page - Wiha Tools 30239 Datasheet HTML 8Page - Wiha Tools 30239 Datasheet HTML 9Page - Wiha Tools 30239 Datasheet HTML 10Page - Wiha Tools 30239 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
www.wihatools.com
Stubby Slotted Screwdriver, With Wiha-SoftFinish® Handle
Item
No.
mm Inch
mm Inch
mm Inch
mm Inch
mm Inch
lbs. pkg.
30239
4.0
.157
25
1.0
0.8 .031
75
2.95
34
1.34
.09
10
30255
5.5
.216
25
1.0
1.0 .039
75
2.95
34
1.34
.09
10
30265
6.5
.255
25
1.0
1.2 .047
75
2.95
34
1.34
.10
10
302
Stubby Phillips Screwdriver, With Wiha-SoftFinish® Handle
Item
No.
Size
mm
Inch
mm Inch
mm Inch
mm Inch
lbs. pkg.
31135
1
25
1.0
4.5
.177
75
3.0
34
1.34
.09
10
31140
2
25
1.0
6.0
.236
75
3.0
34
1.34
.10
10
311
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
mm Inch
lbs. pkg.
35800
0
80
3.1
4.0
5/32
191
7.5
30
1.18
.11
10
35801
1
100
3.9
4.5
5/32
210
8.2
30
1.18
.12
10
35802
2
150
5.9
6.0
1/4
268
10.5
36
1.42
.19
10
35803
3
150
5.9
6.0
1/4
268
10.5
36
1.42
.22
10
Square Screwdriver, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips.
358
4 Pc. SoftFinish® Square Tip
Screwdriver Set Round blade high alloy
CVM steel, hardened, hard chromed.
Item
No.
Size mm
Size mm
lbs. .77
35894
0
80
2
150
1
100
3
150
35894
Wiha SoftFinish® Handle - Stubby Screwdrivers
Item
No.
mm
mm
Size mm
lbs.
31190
4.0
25
1
25
.24
2 Piece Slotted & Phillips Stubby
Screwdriver Set
31190
Item
No.
mm
mm
Size
mm
lbs.
31191
6.5
25
2
25
.24
2 Piece Slotted & Phillips Stubby
Screwdriver Set
31191
Item
No.
Size mm
Size mm
lbs.
31192
1
25
2
25
.24
2 Pc. Phillips Stubby Screwdriver Set
31192
Item
No.
mm mm
mm mm
lbs.
31193
4.0
25
6.5
25
.24
2 Pc. Slotted Stubby Screwdriver Set
31193
Wiha SoftFinish® Handle - Square Drivers
Item
Slotted: 4.5, 6.5mm
No.
Phillips: 1, 2
lbs.
30291
Square: 1, 2
1.00
6 Piece Slotted, Phillips & Square
Cushion Grip Drivers
30291
Item
Slotted: 3.0, 3.5, 4.5, 6.5mm
No.
Phillips: 0, 1, 2
lbs.
30290
Square: 1, 2, 3
1.54
10 Piece Slotted, Phillips & Square
Cushion Grip Drivers
30290
Item
Slotted: 3.0, 4.5, 5.5, 6.5mm
No.
Phillips: #1, 2
lbs.
302
89 Square: #0, 1
1.
69
8 Piece Slotted, Phillips & Square
Cushion Grip Drivers In Molded Case
302
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com