Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30239 Fiches technique(PDF) 32 Page - Wiha Tools

No de pièce 30239
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Fiches technique(HTML) 32 Page - Wiha Tools

Back Button 30239 Datasheet HTML 28Page - Wiha Tools 30239 Datasheet HTML 29Page - Wiha Tools 30239 Datasheet HTML 30Page - Wiha Tools 30239 Datasheet HTML 31Page - Wiha Tools 30239 Datasheet HTML 32Page - Wiha Tools 30239 Datasheet HTML 33Page - Wiha Tools 30239 Datasheet HTML 34Page - Wiha Tools 30239 Datasheet HTML 35Page - Wiha Tools 30239 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Toll Free: (800) 494-6104
Rotating Cap
for precise
turning and
control
Tapered
Handle
allows rapid
rotation,
requires less
clearance
Tips
Exact fit,
precision
machined
Collet Lock Handle
adjustable blade
length from
15 to 95mm/
.6” to 3.75”
SYSTEM 4 Phillips Reversible Blade
High alloy CVM steel, hardened, hard chromed.
Wiha vapor Chrome-Top finish on tips.
Item
No.
Size Size mm Inch lbs.
26911
000 + 00
120 4.7 .03
26912
0
+ 1
120 4.7 .03
15mm
95mm
269
269
SYSTEM 4 Pozidriv® Reversible Blade
High alloy CVM steel, hardened, hard chromed.
Wiha vapor Chrome-Top finish on tips.
Item
No.
Size Size mm Inch lbs.
26922
0 + 1
120 4.7
.03
269
SYSTEM 4 Combined Slotted/Phillips
Reversible Blade
Item
No.
mm Size mm
Inch lbs.
26971
1.5 + 000
120 4.7
.05
26972
2.0 + 00
120 4.7
.05
26973
3.0 + 0
120 4.7
.05
26974
4.0 + 1
120 4.7
.06
269
ESD Safe Dissipative Precision
Handle with rotating control cap. Surface
resistant 106-109 Ohms. 4 mm hex retainer
for all SYSTEM 4 interchangeable blades.
Tapered handle, high quality plastic, impact
resistant. Ball retainer hold. 110mm/4.3” OAL
Item
No.
mm Inch
mm
Inch lbs.
28000 4.0 .1574 14.0 .55
.04
28000
SYSTEM 4 Slotted Reversible Blade
High alloy CVM steel, hardened, hard chromed.
Wiha vapor Chrome-Top finish on tips.
Item
No.
mm mm mm Inch lbs.
26903
1.5 + 3.0 120 4.7
.05
26904
2.0 + 3.5 120 4.7
.05
26905
2.5 + 4.0 120 4.7
.06
SYS 4 Standard Precision Handle,
with rotating control cap. Accepts all
SYSTEM 4 interchangeable blades. Wiha
Precision handle, tapered, impact resistant.
Ball retainer hold. 110mm/4.3” OAL
Item
No.
mm Inch
mm Inch lbs.
26900 4.0
.1574 14.0 .55
.04
Precision
Handle
high quality
plastic. ESD
Safe or
Standard
styles
Blades
CVM steel, hardened, hard chromed.
On 4mm Hex shafts
Wiha SYSTEM 4 Precision Handles and Blades
26900
SYSTEM 4 Metric Ball End
& Standard Hex, Reversible Blade
CVM steel, hardened, hard chromed.
Wiha vapor Chrome-Top finish on tips.
One side hex, other side ballpoint hex.
Item
No.
mm
mm mm Inch lbs.
26932
1.3 + 1.3
120 4.7
.05
26935
2.5 + 2.5
120 4.7
.06
26936
3.0 + 3.0
120 4.7
.06
26937
4.0 + 4.0
120 4.7
.06
269
SYSTEM 4 Metric Ball End Hex
Interchangeable Blade High alloy tool steel,
hardened, corrosion protected. Ball end works
at 30° angle entry for easy access to fasteners.
Item
No.
mm mm
Inch lbs. pkg.
28033
1.5 120
4.7
.06
1
28034
2.0 120
4.7
.06
1
28035
2.5 120
4.7
.06
1
28036
3.0 120
4.7
.06
1
28037
4.0 120
4.7
.06
1
280
SYSTEM 4 Inch Ball End Hex
Interchangeable Blade High alloy tool steel,
hardened, corrosion protected. Ball end works
at 30° angle entry for easy access to fasteners.
Item
No.
Inch
mm
Inch lbs.
28021
.050 120
4.7
.06
28023
1/16 120
4.7
.06
28024
5/64 120
4.7
.06
28026
7/64 120
4.7
.06
28027
1/8
120
4.7
.06
28028
9/64 120
4.7
.06
28029
5/32 120
4.7
.06
280
For angle
entry
For angle
entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com