Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS5840 Fiches technique(PDF) 47 Page - OSRAM GmbH

No de pièce DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Fiches technique(HTML) 47 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 43Page - OSRAM GmbH DS5840 Datasheet HTML 44Page - OSRAM GmbH DS5840 Datasheet HTML 45Page - OSRAM GmbH DS5840 Datasheet HTML 46Page - OSRAM GmbH DS5840 Datasheet HTML 47Page - OSRAM GmbH DS5840 Datasheet HTML 48Page - OSRAM GmbH DS5840 Datasheet HTML 49Page - OSRAM GmbH DS5840 Datasheet HTML 50Page - OSRAM GmbH DS5840 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
46
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4. Operating characteristics
4.5
Operating values
of the lamps as a
function of ambient
temperature
Typical curves for the electrical data as a function of ambient temperature for OSRAM
DULUX® lamps in CCG operation
Burning position:
Base up, free-burning
Mains voltage:
230 V
200
180
160
140
120
100
80
60
40
20
0
-20
0
20
40
60
80
100
Typical curves for the electrical data as a function of ambient temperature for OSRAM
DULUX® lamps in ECG operation
200
180
160
140
120
100
80
60
40
20
0
-20
0
20
40
60
80
100
Arc voltage
Lamp current
Lamp wattage
Arc voltage
Lamp current
Lamp wattage
Ambient temperature (ºC)
Ambient temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82