Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS5840 Fiches technique(PDF) 75 Page - OSRAM GmbH

No de pièce DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Fiches technique(HTML) 75 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 71Page - OSRAM GmbH DS5840 Datasheet HTML 72Page - OSRAM GmbH DS5840 Datasheet HTML 73Page - OSRAM GmbH DS5840 Datasheet HTML 74Page - OSRAM GmbH DS5840 Datasheet HTML 75Page - OSRAM GmbH DS5840 Datasheet HTML 76Page - OSRAM GmbH DS5840 Datasheet HTML 77Page - OSRAM GmbH DS5840 Datasheet HTML 78Page - OSRAM GmbH DS5840 Datasheet HTML 79Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
74
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
The CE label on OSRAM DULUX® packaging and on the declarations of
conformity indicate compliance with low-voltage guidelines (safety requi-
rements in accordance with EN 61199).
Here are some points to bear in mind about CE labeling:
–
The CE label is intended first and foremost for administrative authorities, not end
users.
–
The CE label in mandatory for the sale of products that can be used independently
within the EU.
–
It is purely an administrative label. It is not a seal of quality or approval mark.
–
The CE label is based on the declaration of conformity issues by manufacturers on
their own responsibility. It is not based on testing by a recognised independent
inspectorate.
–
The CE label acts as a passport. It promotes free trade within Europe.
Commission Directive 98/11/EC: Energy labeling for Household Lamps: The EEI (Ener-
gy Efficiency Index, e.g. EEI = A), also known as the „energy label“, classifies lamps
according to their energy efficiency (it does not relate to luminaires).
Directive 98/11/EC for implementing Directive 92/75/EEC has been in force since April
1998.
The seven classes are defined by certain limit values in lamp output. Lamps in class A
are the most efficient at converting electrical into light.
The classification of OSRAM DULUX® lamps is given in the OSRAM Lighting
Programme.
9.3
CE labelling
9.4
Energy Effiency
Index
9. European and international standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82