Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC90XG Fiches technique(PDF) 4 Page - EPCOS

No de pièce EC90XG
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

EC90XG Fiches technique(HTML) 4 Page - EPCOS

  EC90XG Datasheet HTML 1Page - EPCOS EC90XG Datasheet HTML 2Page - EPCOS EC90XG Datasheet HTML 3Page - EPCOS EC90XG Datasheet HTML 4Page - EPCOS EC90XG Datasheet HTML 5Page - EPCOS EC90XG Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Surge arrester
B88069X5110T502
2-electrode arrester
EC90XG
PPD AB PD / PPD AB PM
Version: 05 / 2019-07-09
Please read Cautions and warnings and
Page 4 of 6
Important notes at the end of this document.
Soldering parameter
Wave soldering
Wave profile features
Pb-free assembly
Solder
Sn 95.5 / Ag 3.8 / Cu 0.7
Solder bath temperature 263 (±3) °C
Dwell time
< 3 s
Soldering profile applied to a single soldering process.
Cautions and warnings
Do not operate surge arresters in power supply networks, whose maximum operating voltage
exceeds the minimum spark-over voltage of the surge arresters.
Surge arresters may become hot in the event of longer periods of current stress (burn risk). In the
event of overload the connectors may fail or the component may be destroyed.
If the contacts of the surge arresters are defective, current load can cause sparks and loud noises.
Surge arresters must be handled with care and must not be dropped.
Do not continue to use damaged surge arresters.
Display of ordering codes for TDK Electronics products
The ordering code for one and the same product can be represented differently in data sheets, data books,
other publications, on the company website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to
different processes employed and do not affect the specifications of the respective products.
Detailed information can be found on the Internet under www.tdk-electronics.tdk.com/orderingcodes.



Html Pages

1 2 3 4 5 6