| Moteur de recherche de fiches techniques de composants électroniques |
|
EC90XG Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
EC90XG Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 6 page ![]() Surge arrester 2-electrode arrester Series/Type: EC90XG Ordering code: B88069X5110T502 Date: 2019-07-09 Version: 05 TDK Electronics AG 2019. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without TDK Electronics' prior express consent is prohibited. Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Surge arrester Identification/Classification 2 (header 2 + bottom left header bar): 2-electrode arrester Ordering code: (top right header bar) B88069X5110T502 Series/Type: (bottom right header bar) EC90XG Preliminary data (optional): Department: PPD AB PD / PPD AB PM Date: 2019-07-09 Version: 05 |
Numéro de pièce similaire - EC90XG |
|
Description similaire - EC90XG |