| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM485-PLUS2 Fiches technique(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM485-PLUS2 Fiches technique(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 24 page ![]() Copyright © 2010 Future Technology Devices International Limited 11 Document Reference No.: FT_000136 USB-COM485-PLUS2 Datasheet Version 1.3 Clearance No.: FTDI#104 Figure 2.11 - Advanced Options This will display the various advanced settings. Note the COM port assignment in the upper left. Clicking on the drop-down list will display the available port numbers. Select one that is not in use and click OK on each dialog box to activate the selection. Windows will remember this COM port number. 2.2.2 Mac OS X, Linux, Windows CE Device drivers and FTDI installation guides for Mac OS X, Linux and Windows CE are available for download on the FTDIChip web sites. Follow the respective FTDI installation guides for the chosen operating system. |