| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM485-PLUS2 Fiches technique(PDF) 9 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM485-PLUS2 Fiches technique(HTML) 9 Page - Future Technology Devices International Ltd. |
|
9 / 24 page ![]() Copyright © 2010 Future Technology Devices International Limited 8 Document Reference No.: FT_000136 USB-COM485-PLUS2 Datasheet Version 1.3 Clearance No.: FTDI#104 Figure 2.4 – Automatic Install 5) Wait while the driver is found, downloaded, and installed. This step may take a couple minutes. 6) After the files are found and installed, click “Finish” to complete the installation. Figure 2.5 - Complete Hardware Installation 7) Steps 2 through 6 will repeat. The first time installs the basic USB Serial Converter in the USB device tree. The second time installs the Virtual COM Port layer in the Ports tree and assigns the COM port number. 8) When both portions of the device driver have been installed successfully, the following message will appear, indicating that the device is ready. Figure 2.6 - Hardware Ready |