| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM422-PLUS4 Fiches technique(PDF) 3 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM422-PLUS4 Fiches technique(HTML) 3 Page - Future Technology Devices International Ltd. |
|
3 / 24 page ![]() Copyright © 2010 Future Technology Devices International Limited 2 Document Reference No.: FT_000152 USB-COM422-PLUS4 Datasheet Version 1.1 Clearance No.: 107 1.2 LED Description The USB-COM422-PLUS4 uses 9 LEDs to indicate a valid link as well as data traffic according to the following table: LED Color Function Description Quantity Yellow Enumerated ON when USB-COM-PLUS4 is configured and ready 1 Red TxD Activity Flashes when data is transmitted from the USB-COM422- PLUS4 to the attached RS422 device 4 Green RxD Activity Flashes when data is transmitted from the attached RS422 device to the USB-COM422-PLUS4 4 Table 1.1 – LED Description |