| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM422-PLUS4 Fiches technique(PDF) 13 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM422-PLUS4 Fiches technique(HTML) 13 Page - Future Technology Devices International Ltd. |
|
13 / 24 page ![]() Copyright © 2010 Future Technology Devices International Limited 12 Document Reference No.: FT_000152 USB-COM422-PLUS4 Datasheet Version 1.1 Clearance No.: 107 Figure 2.9 - Settings Tab Then click on the “Advanced…” button. Figure 2.10 - Advanced Options This will display the various advanced settings. Note the COM port assignment in the upper left. Clicking on the drop-down list will display the available port numbers. Select one that is not in use and click OK on each dialog box to activate the selection. Windows will remember this COM port number. 2.2.2 Mac OS X, Linux, Windows CE Device drivers and FTDI installation guides for Mac OS X, Linux and Windows CE are available for download on the FTDIChip web sites. Follow the respective FTDI installation guides for the chosen operating system. |