| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM232-PLUS1 Fiches technique(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM232-PLUS1 Fiches technique(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 25 page ![]() Copyright © 2010 Future Technology Devices International Limited 11 Document Reference No.: FT_000118 USB-COM232-PLUS1 Datasheet Version 1.2 Clearance No.: FTDI# 76 2.3 Configuration Utility A utility to which configures the function of Pin 9 of the D-sub connector on the USB-COM232-Plus1 configuration utility is available for download from www.ftdichip.com. The configuration utiltiy is a Windows-only application which selects the mode for pin 9 on the D-sub connector. This utility will configure one USB-COM232-Plus1 adapter at a time. Ensure an adapter is connected to your PC and run the utility: Figure 2.11 – Pin 9 Configuration Utility The current configuration must be read before modifying the settings. Click on the “Read Config” button. A notice will appear if successful: Figure 2.12 – Pin 9 Configuration Utility – Read Configuration The current configuration is displayed, including the adapter description and serial number: Figure 2.13 – Pin 9 Configuration Utility – Display Current Settings Select whether to change the function of the D-sub pin 9, then click “Write Config”: Figure 2.14 – Pin 9 Configuration Utility – Write Configuration The new values will be read from the USB-COM232-Plus1: Figure 2.15 – Pin 9 Configuration Utility – Read New Settings The adapter has been reconfigured. Press Exit: |