| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM232-PLUS1 Fiches technique(PDF) 9 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-COM232-PLUS1 Fiches technique(HTML) 9 Page - Future Technology Devices International Ltd. |
|
9 / 25 page ![]() Copyright © 2010 Future Technology Devices International Limited 8 Document Reference No.: FT_000118 USB-COM232-PLUS1 Datasheet Version 1.2 Clearance No.: FTDI# 76 Figure 2.3 – Automatic Install 5) Wait while the driver is found, downloaded, and installed. This step may take a couple minutes depending on the Internet speed. 6) After the files are found and installed, click “Finish” to complete the installation. Figure 2.4 - Complete Hardware Installation 7) Steps 2 through 6 will repeat. The first time installs the basic USB Serial Converter in the USB device tree. The second time installs the Virtual COM Port layer in the Ports tree and assigns the COM port number. 8) When both portions of the device driver have been installed successfully, the following message will appear, indicating that the device is ready. Figure 2.5 - Hardware Ready COM Port Assignment Next, to determine which COM port has been assigned, open the Windows Device Manager from the System Control Panel. |