Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLT2.7H-LP Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce MLT2.7H-LP
Description  System for Pan-Steel® Cable Ties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT2.7H-LP Fiches technique(HTML) 2 Page - PANDUIT CORP.

  MLT2.7H-LP Datasheet HTML 1Page - PANDUIT CORP. MLT2.7H-LP Datasheet HTML 2Page - PANDUIT CORP. MLT2.7H-LP Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Pan-Steel® Self-Locking Cable Ties – MLT Series (continued)
*Other lengths available, contact Panduit Customer Service.
**Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32.
***For information on installation tools, refer to pages B3.14 – B3.16.
mm
In.
mm
In.
mm
In.
N
Lbs.
mm
In.
mm
In.
Std.
Ctn.
Qty.
Std.
Pkg.
Qty.
Recommended
Installation
Tool***
Thickness
Width
Min.
Bundle
Diameter
Min. Loop
Tensile
Strength**
Length*
Max.
Bundle
Diameter
Part Number
Light-Heavy Cross Section
MLT2LH-LP
2.0
51
7.9
201
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
GS4MT, HTMT,
PPTMT, ST2MT
50
250
MLT4LH-LP
4.0
102
14.3
362
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250
MLT6LH-LP
6.0
152
20.5
521
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250
MLT8LH-LP
8.0
203
26.8
679
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250
Heavy Cross Section
MLT2H-LP
2.0
51
7.9
201
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
GS4MT, ST2MT, HTMT,
PPTMT, PBTMT
50
250
MLT2.7H-LP
2.7
69
10.2
259
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT4H-LP
4.0
102
14.3
362
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT6H-LP
6.0
152
20.5
521
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT8H-LP
8.0
203
26.8
679
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT10H-LP
10.0
254
33.0
838
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT12H-Q
12.0
304
39.3
998
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
25
125
MLT14H-Q
14.0
355
45.5
1156
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
25
125
Extra-Heavy Cross Section
MLT4EH-LP
4.0
102
17.1
434
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
ST2MT, RT2HT,
RT2HTN, PBTMT
50
250
MLT6EH-LP
6.0
152
23.4
594
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
50
250
MLT8EH-LP
8.0
203
29.7
754
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
50
250
MLT10EH-LP
10.0
254
35.9
912
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
50
250
MLT12EH-Q
12.0
305
42.2
1072
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
25
125
MLT4EH15-LP
4.0
102
17.1
434
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT6EH15-LP
6.0
152
23.4
594
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT8EH15-LP
8.0
203
29.7
754
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT10EH15-LP
10.0
254
35.9
912
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT12EH15-Q
12.0
305
42.2
1072
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
25
125
Super-Heavy Cross Section
MLT4SH-LP
4.0
102
17.1
434
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
RT2HT, RT2HTN,
PBTMT
50
250
MLT6SH-LP
6.0
152
23.4
594
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
50
250
MLT8SH-LP
8.0
203
29.7
754
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
50
250
MLT10SH-LP
10.0
254
35.9
912
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
50
250
MLT12SH-Q
12.0
305
42.2
1072
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
25
125
AISI 316 Stainless Steel – For Superior Corrosion Resistance
Standard Cross Section
MLT1S-CP316
1.0
25
5.0
127
200
890
0.50 12.7 0.18
4.6
0.010
0.25
GS4MT, HTMT,
PPTMT, ST2MT
100
500
MLT2S-CP316
2.0
51
7.9
201
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT2.7S-CP316
2.7
69
10.2
259
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT4S-CP316
4.0
102
14.3
362
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT6S-CP316
6.0
152
20.5
521
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT8S-CP316
8.0
203
26.8
679
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT10S-CP316
10.0
254
33.0
838
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
Light-Heavy Cross Section
MLT2LH-LP316
2.0
51
7.9
201
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
GS4MT, HTMT,
PPTMT, ST2MT
50
250
MLT4LH-LP316
4.0
102
14.3
362
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250
MLT6LH-LP316
6.0
152
20.5
521
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250
MLT8LH-LP316
8.0
203
26.8
679
250
1112 0.50 12.7 0.25
6.4
0.010
0.25
50
250



Html Pages

1 2 3