| Moteur de recherche de fiches techniques de composants électroniques |
|
MLT2.7H-LP Fiches technique(PDF) 3 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MLT2.7H-LP Fiches technique(HTML) 3 Page - PANDUIT CORP. |
|
3 / 3 page ![]() mm In. mm In. mm In. N Lbs. mm In. mm In. Std. Ctn. Qty. Std. Pkg. Qty. Recommended Installation Tool*** Thickness Width Min. Bundle Diameter Min. Loop Tensile Strength** Length* Max. Bundle Diameter Part Number For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Pan-Steel® Self-Locking Cable Ties – MLT Series (continued) *Other lengths available, contact Panduit Customer Service. **Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32. ***For information on installation tools, refer to pages B3.14 – B3.16. Heavy Cross Section MLT2H-LP316 2.0 51 7.9 201 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 GS4MT, ST2MT, HTMT, PPTMT, PBTMT 50 250 MLT2.7H-LP316 2.7 69 10.2 259 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT4H-LP316 4.0 102 14.3 362 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT6H-LP316 6.0 152 20.5 521 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT8H-LP316 8.0 203 26.8 679 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT10H-LP316 10.0 254 33.0 838 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 Extra-Heavy Cross Section MLT4EH-LP316 4.0 102 17.1 434 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 ST2MT, RT2HT, RT2HTN, PBTMT 50 250 MLT6EH-LP316 6.0 152 23.4 594 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 50 250 MLT8EH-LP316 8.0 203 29.7 754 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 50 250 MLT4EH15-LP316 4.0 102 17.1 434 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT6EH15-LP316 6.0 152 23.4 594 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT8EH15-LP316 8.0 203 29.7 754 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 Super-Heavy Cross Section MLT4SH-LP316 4.0 102 17.1 434 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 RT2HT, RT2HTN, PBTMT 50 250 MLT6SH-LP316 6.0 152 23.4 594 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 50 250 MLT8SH-LP316 8.0 203 29.7 754 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 50 250 |