Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SERCON410B Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics SERCON410B Datasheet HTML 20Page - STMicroelectronics SERCON410B Datasheet HTML 21Page - STMicroelectronics SERCON410B Datasheet HTML 22Page - STMicroelectronics SERCON410B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Figure 11. Write Access to Control Registers
AC ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Value
Unit
Min.
Type
Max.
tASU
Setup time A6-0, BHEN, PCSN0, PCS1,
DMAACKNT, WRN (only Motorola mode) to
falling edge WRN (Intel mode) or RDN
(Motorola mode, strobe active low) or rising
edge RDN (Motorola mode, strobe active
high)
0ns
tAHD
Hold time A6-0, BHEN, PCSN0, PCS1,
DMAACKNT, WRN (only Motorola mode) to
rising edge WRN (Intel mode) or RDN
(Motorola mode, strobeactive low) or falling
edge RDN (Motorola mode, strobe active
high)
0ns
tPWRW
Pulse width WRN (Intel mode) or RDN
(Motorola mode)
30
ns
tDSU
Setup time D15-0 to end of write access
10
ns
tDHD
Hold time D15-0 to end of write access
10
ns
tPRQ
Delay WRN or RDN to DMAREQT low
30
ns
3.4.7 Write Access to Control Registers
®
SERCON410B
15/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34