| Moteur de recherche de fiches techniques de composants électroniques |
|
SERCON410B Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERCON410B Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 34 page ![]() Figure 9. Read Access of Control Registers AC ELECTRICAL CHARACTERISTICS (Continued) 3.4.5 Read Access of Control Registers Symbol Parameter Value Unit Min. Type Max. tASU Setup time A6-0, BHEN, PCSN0, PCS1, DMAACKNR, WRN (only Motorola mode) to falling edge RDN (Intel or Motorola mode with low active strobe) or rising edge RDN (Motorola mode with high active strobe) 0ns tAHD Hold time A10-0, BHEN, MCSN0-1, WRN (only Motorola mode) to rising edge RDN (Intel Motorola mode with low active strobe) or falling edge RDN (Motorola mode with high active strobe) 0ns tPAD Access time A6-0, BHEN, PCSN0, PCS1, DMAACKNR, WRN (only Motorola mode) to D15-0 valid 50 ns tPRDD Access time RDN to D15-0 valid 40 ns tRDZ Delay RDN to D15-0 high-Z 15 ns tPRQ Delay RDN to DMAREQR low 30 ns ® SERCON410B 13/30 |