Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 1 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 1 Page - PANDUIT CORP.

  EMPLUS-CD Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.panduit.com
1
Identification Solutions
for Harsh Environments
Minimize downtime, installation time, and waste
while reducing Mean Time To Repair (MTTR).
Properly identifying products, premises, and infrastructure can significantly
reduce the time to troubleshoot and repair. Without identifying components,
wires/cables, etc., troubleshooting becomes a lengthy process of tracing and
identifying the specific source of a problem. Conversely, by having compo-
nents and wires/cables clearly identified, technicians can quickly go to the
source of the problem. In certain cases, a properly identified infrastructure
can save hours of troubleshooting time – which can translate into millions of
dollars for critical applications. This guide provides an overview of Panduit
identification solutions and how these products enhance performance and
productivity in harsh environments.
Introduction
Using this Guide....................................... 2-3
Applications .......................................... 4-6
Key Selection Criteria
Legibility ............................................. 7
Adhesive Holding Power ................................ 7
Temperature Resistance................................. 7
Chemical Resistance ................................... 8
Outdoor Durability ..................................... 9
Fire Safety Properties................................... 10
Product Selection Guides
Heat Shrink Labels ..................................... 10-11
Self-Laminating Labels.................................. 11
Marker Plates ......................................... 12
Raised Panel Labels.................................... 12
Safety Identification .................................... 13-14
Permanent Identification ................................ 15
Mobile and Desktop Printers ............................. 16
Identification Software .................................. 16
Industry Compliance
Compliance with Industry Standards ...................... 16
Industrial
Oil Rigs
Refineries
Chemical Plants
Natural Gas
Processing Plants
LNG Plants
Water Treatment
Facilities
Wind Farms
Solar
Nuclear
Mining
Ships
Submarines
Cell Towers
Telecommunications
Transportation
OEM
APPLICATION GUIDE


Numéro de pièce similaire - EMPLUS-CD

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
EMPLUS-CD PANDUIT-EMPLUS-CD Datasheet
1Mb / 2P
Easy-Mark Plus™ Labeling Software
Market specific labeling
EMPLUS-CD PANDUIT-EMPLUS-CD Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
EMPLUS-CD PANDUIT-EMPLUS-CD Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
EMPLUS-CD PANDUIT-EMPLUS-CD Datasheet
1Mb / 8P
Panduit Permanent Identification System
10/2017
EMPLUS-CD PANDUIT-EMPLUS-CD Datasheet
1Mb / 36P
Turn-Tell Labels
4/2017
More results

Description similaire - EMPLUS-CD

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com