Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 3 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 3 Page - PANDUIT CORP.

  EMPLUS-CD Datasheet HTML 1Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 2Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.panduit.com
3
Heat Shrink Labels
Panduit heat shrink labels, available in multiple colors, grades, and sizes, for
single or double-sided printing, offer a durable wire and cable identification
solution for harsh environments with patented, time-saving features.
Raised Panel Labels
Panduit raised panel labels are designed for 20 years of outdoor exposure,
tested for use in solar applications, and compliant with print-performance
requirements of UL969 and MIL-STD-202G. The labels are compliant with
IP69K for washdown applications and provide a rugged and professional
appearance similar to engraved plates without the lengthy lead times or
expensive engraving equipment.
Safety Identification
Panduit safety identification products are available in a wide selection of
printing methods and materials. They are also available in a broad selection
of colors, sizes, and legends to effectively communicate safety messages.
Permanent Identification
Panduit offers one of the widest ranges of permanent identification solutions
in the industry. This solution includes stainless steel cable ties, marker plates,
tags, and onsite marking tools for quick and easy identification in the field.
Mobile and Desktop Printers
The MP300 and MP200 mobile printers for remote and mobile labeling
in harsh environments are ideal for printing labels on a job site. The versatile
TDP43ME, TDP43HE, and TDP46HE thermal transfer desktop printers allow
printing up to eight inches per second with professional 300 dpi or 600 dpi
resolution of labels and tapes up to four inches wide. The compact design
provides mobility and is easily deployable, with minimum setup or calibration
time and minimum label waste.
Identification Software
Easy-Mark Plus™ Labeling Software helps create industry-compliant labels
for harsh environments and saves up to 75% of the time required to generate
labels for the energy infrastructure. Labeling Software saves up to 75% of
the time required to generate labels for the industrial applications by utilizing
identifiers previously created in CAD files to eliminate manual entry of data
into labeling software.
The information contained herein is intended as a guide for use by persons having technical skill. Suitability
of the Panduit product for intended use should be determined. User assumes all risk and liability whatsoever
in connection with such use.
Easy-Mark Plus™
Labeling Software
© 2021 Panduit Corp. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com