| Moteur de recherche de fiches techniques de composants électroniques |
|
AVRF06 Fiches technique(PDF) 9 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVRF06 Fiches technique(HTML) 9 Page - TDK Electronics |
|
9 / 10 page ![]() Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. 20220309 (9/10) notch-filter_commercial_avrf_en.fm EMC Components AVRF series PACKAGING STYLE REEL DIMENSIONS PACKAGE QUANTITY / INDIVIDUAL WEIGHT TAPE DIMENSIONS ø180 ±2.0 2.0 ±0.5 ø13 ±0.2 ø21 ±0.8 Dimensions in mm 0.8 14.0max. 9.0max. Type Package quantity Individual weight (pieces/reel) (mg) AVRF04 20,000 0.1 AVRF06 15,000 0.2 AVRF10 10,000 1.2 AVRF16 4,000 5 Dimensions in mm Type A B P1 T 0402 0.26±0.04 0.46±0.04 2.0±0.05 0.40max. 0603 0.38±0.05 0.68±0.05 2.0±0.05 0.45max. 1005 0.65+0.05/-0.1 1.15+0.05/-0.1 2.0±0.05 0.65max. 1608 1.1±0.2 1.9±0.2 4.0±0.1 1.1max. 4.0±0.1 2.0±0.05 A P1 T 1.5 +0.1 0 Dimensions in mm 160min. Taping 200min. 200min. Drawing direction |