| Moteur de recherche de fiches techniques de composants électroniques |
|
AVRF06 Fiches technique(PDF) 8 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVRF06 Fiches technique(HTML) 8 Page - TDK Electronics |
|
8 / 10 page ![]() Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. 20220309 (8/10) notch-filter_commercial_avrf_en.fm EMC Components AVRF series Attention after implementation Cleaning (1) If cleaning liquid is inappropriate, residues and other foreign body of fluxes builds up on products, and can degrade the perfor- mance of products (particularly the insulation resistance). (2) Wash conditions may compromise performance of products if they are improper (wash due, wash excess). 2-1) For wash due (a) By substance of a system in flux residue halide, metal including terminal electrodes may experience corrosion. (b) Substance of a system in flux residue halide builds up on prod- ucts, and reduces the insulation resistance. (c) Soluble flux makes comparisons of colophony series flux, and there is event with trends of significant (1) and(2). 2-2) For excess wash (1) Owing to lavage, products deteriorates, and reduces perfor- mance of products. (2) In ultrasonography, when output is passed, substrate resonates size, and crack occurs in body and sprang of products in vibra- tion of substrate. Since this may reduce the strength of the termi- nal electrode, please note the following conditions. [Please review the italicized portion, as I am unsure what you mean to convey here.] Ultrasound output Ultrasonic frequency Ultrasound cleaning time 2-3) Concentration including halogen that when cleaning liquid to pollution, when you released is higher, and may cause similar of results into wash due. Substrate handling after component mounting (1) When substrate is divided, a flexible so that show in following dia- gram to substrate, and is given by stress including twist, as there is possibility that crack occurs of products, please check that stress is within acceptable limits. (2) During each substrate operational check, push pressure with contact failure of check pin of boards checkers of check pin may be toned up to be prevented. As substrate is bent under loading, prod- ucts is broken owing to stress. There is also the possibility that sol- der on the terminal electrode will peel off. Follow the diagram for reference, and check that the substrate bends, please. Single-part component handling To drop impact, as there is possibility that breakage and crack is entered, do not products that(1) products falls. (2) At stacking storage after implementation and treatment of sub- strate, corner of boards is regarded as products. Please be careful, as there is the possibility that breakage and cracks will occur on impact. Bends Twist Item Cases to avoid Recommended case Substrate sags Peeling Check pin Check pin Support pin Floor Crack Board Crack |