| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9511/PCB Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9511/PCB Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 60 page ![]() AD9511 Rev. B | Page 13 of 60 Parameter Min Typ Max Unit Test Conditions/Comments CLK1 = 400 MHz 395 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT3) = 100 MHz Divide Ratio = 4 LVDS (OUT4) = 50 MHz Interferer(s) All LVPECL = 50 MHz Interferer(s) CLK1 = 400 MHz 395 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT4) = 100 MHz Divide Ratio = 4 LVDS (OUT3) = 50 MHz Interferer(s) All LVPECL = 50 MHz Interferer(s) CLK1 = 400 MHz 367 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT3) = 100 MHz Divide Ratio = 4 CMOS (OUT4) = 50 MHz (B Outputs Off) Interferer(s) All LVPECL = 50 MHz Interferer(s) CLK1 = 400 MHz 367 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT4) = 100 MHz Divide Ratio = 4 CMOS (OUT3) = 50 MHz (B Outputs Off) Interferer(s) All LVPECL = 50 MHz Interferer(s) CLK1 = 400 MHz 548 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT3) = 100 MHz Divide Ratio = 4 CMOS (OUT4) = 50 MHz (B Outputs On) Interferer(s) All LVPECL = 50 MHz Interferer(s) CLK1 = 400 MHz 548 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz LVDS (OUT4) = 100 MHz Divide Ratio = 4 CMOS (OUT3) = 50 MHz (B Outputs On) Interferer(s) All LVPECL = 50 MHz Interferer(s) CMOS OUTPUT ADDITIVE TIME JITTER Distribution Section only; does not include PLL or external VCO/VCXO CLK1 = 400 MHz 275 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz Both CMOS (OUT3, OUT4) = 100 MHz (B Output On) Divide Ratio = 4 CLK1 = 400 MHz 400 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz CMOS (OUT3) = 100 MHz (B Output On) Divide Ratio = 4 All LVPECL = 50 MHz Interferer(s) LVDS (OUT4) = 50 MHz Interferer(s) CLK1 = 400 MHz 374 fs rms Calculated from SNR of ADC method; FC = 100 MHz with AIN = 170 MHz CMOS (OUT3) = 100 MHz (B Output On) Divide Ratio = 4 All LVPECL = 50 MHz Interferer(s) CMOS (OUT4) = 50 MHz (B Output Off) Interferer(s) |