| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9511/PCB Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9511/PCB Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 60 page ![]() AD9511 Rev. B | Page 4 of 60 SPECIFICATIONS Typical (typ) is given for VS = 3.3 V ± 5%; VS ≤ VCPS ≤ 5.5 V, TA = 25°C, RSET = 4.12 kΩ, CPRSET = 5.1 kΩ, unless otherwise noted. Minimum (min) and maximum (max) values are given over full VS and TA (−40°C to +85°C) variation. PLL CHARACTERISTICS Table 1. Parameter Min Typ Max Unit Test Conditions/Comments REFERENCE INPUTS (REFIN) Input Frequency 0 250 MHz Input Sensitivity 150 mV p-p Self-Bias Voltage, REFIN 1.45 1.60 1.75 V Self-bias voltage of REFIN1. Self-Bias Voltage, REFINB 1.40 1.50 1.60 V Self-bias voltage of REFINB1. Input Resistance, REFIN 4.0 4.9 5.8 kΩ Self-biased1. Input Resistance, REFINB 4.5 5.4 6.3 kΩ Self-biased1. Input Capacitance 2 pF PHASE/FREQUENCY DETECTOR (PFD) PFD Input Frequency 100 MHz Antibacklash pulse width 0Dh<1:0> = 00b. PFD Input Frequency 100 MHz Antibacklash pulse width 0Dh<1:0> = 01b. PFD Input Frequency 45 MHz Antibacklash pulse width 0Dh<1:0> = 10b. Antibacklash Pulse Width 1.3 ns 0Dh<1:0> = 00b. (This is the default setting.) Antibacklash Pulse Width 2.9 ns 0Dh<1:0> = 01b. Antibacklash Pulse Width 6.0 ns 0Dh<1:0> = 10b. CHARGE PUMP (CP) ICP Sink/Source Programmable. High Value 4.8 mA With CPRSET = 5.1 kΩ. Low Value 0.60 mA Absolute Accuracy 2.5 % VCP = VCPS/2. CPRSET Range 2.7/10 kΩ ICP Three-State Leakage 1 nA Sink-and-Source Current Matching 2 % 0.5 < VCP < VCPS − 0.5 V. ICP vs. VCP 1.5 % 0.5 < VCP < VCPS − 0.5 V. ICP vs. Temperature 2 % VCP = VCPS/2 V. RF CHARACTERISTICS (CLK2)2 Input Frequency 1.6 GHz Frequencies > 1200 MHz (LVPECL) or 800 MHz (LVDS) require a minimum divide-by-2 (see the Distribution Section). Input Sensitivity 150 mV p-p Input Common-Mode Voltage, VCM 1.5 1.6 1.7 V Self-biased; enables ac coupling. Input Common-Mode Range, VCMR 1.3 1.8 V With 200 mV p-p signal applied. Input Sensitivity, Single-Ended 150 mV p-p CLK2 ac-coupled; CLK2B capacitively bypassed to RF ground. Input Resistance 4.0 4.8 5.6 kΩ Self-biased. Input Capacitance 2 pF CLK2 VS. REFIN DELAY 500 ps Difference at PFD. PRESCALER (PART OF N DIVIDER) See the VCO/VCXO Feedback Divider—N (P, A, B) section. Prescaler Input Frequency P = 2 DM (2/3) 600 MHz P = 4 DM (4/5) 1000 MHz P = 8 DM (8/9) 1600 MHz P = 16 DM (16/17) 1600 MHz P = 32 DM (32/33) 1600 MHz CLK2 Input Frequency for PLL 300 MHz A, B counter input frequency. |