Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

37101006 Fiches technique(PDF) 6 Page - ROSE Systemtechnik GmbH

No de pièce 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROSE [ROSE Systemtechnik GmbH]
Site Internet  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Fiches technique(HTML) 6 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 2Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 3Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 4Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 5Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 6Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 7Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 8Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 9Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 10Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Automotive
Enclosure solutions for the automotive industry
Assembly lines in the automotive industry are leading when it comes to all things regarding automation and advance-
ments. Currently this sector is facing several challenges:
eMobility
Digitization
Shorter model cycles
However, the manufacturers of the required production equipment must also meet the frequently changing trends in the
automotive industry. Because the machine- and plant construction sector must deal with way more than just fair market
prices. That’s why we at ROSE not only offer industrial-, operating-, and display enclosures as well as support arm systems
with a high-quality standard but moreover:
Comprehensive technical know how
Fast reaction- and responding times
Short delivery times
Reliability
Flexibility
ROSE offers a new product line called HMI Solutions which combines different IPC products with our established control
enclosures and support arm systems. That is why we also offer complete solutions for machine and plant construction in
addition to the distributor housings.
eMobility
Enclosure solutions for eMobility
We need to have a more sustainable way of dealing with our environment to fight against climate change in the best
possible way. Emissions can be lowered with electric cars to path the way into a more climate friendly mobility solu-
tion. That’s why ROSE Systemtechnik supports this sector with the following products:
Charging stations
Wall boxes
Special enclosures
High Voltage Power Distribution Units
Housing for batteries
Our charging stations and wall boxes define themselves with the following attributes:
Withstanding environmental stress
Made of aluminium
Can be equipped with up to two charging sockets
Can be designed individually according to customer requirements
Especially our wall boxes are best suited for personal use at home. They can transfer about 22 kW into the car with the
appropriate installations. Which means that even at home aggregates can be charged within a short amount of time.
ROSE offers different variations of wall boxes within this sector, which all have their own advantages, not only aluminium
but also stainless steel and polyester wall boxes can be the perfect solution for private usage.
Industries
Introduction
Industries
Introduction
Page
11
ENCLOSURE SYSTEMS
Page
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43