Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

37101006 Fiches technique(PDF) 9 Page - ROSE Systemtechnik GmbH

No de pièce 37101006
Description  INDUSTRIAL ENCLOSURES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROSE [ROSE Systemtechnik GmbH]
Site Internet  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

37101006 Fiches technique(HTML) 9 Page - ROSE Systemtechnik GmbH

Back Button 37101006 Datasheet HTML 5Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 6Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 7Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 8Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 9Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 10Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 11Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 12Page - ROSE Systemtechnik GmbH 37101006 Datasheet HTML 13Page - ROSE Systemtechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Shipbuilding
Industry solutions for shipbuilding
90% of goods worldwide are being transported via ships. Which makes shipbuilding mandatory for globalisation. In
addition, there are markets for ferries, yachts and cruise ships. Parts are exposed to especially strong weather condi-
tions due to water and wind.
Saltwater
Varying temperatures
Wind
Swell
Control stations made of stainless steel and distribution boxes made of aluminium from ROSE Systemtechnik are used
in numerous ships. Our enclosures receive a special coating against corrosion which makes them not only weather-
proof but also protects them against:
Oil and grease
Fuels
Brine
Detergent
We offer enclosures in individual sizes and shapes. Certificates from the American Bureau of Shipment, Lloyds Register of
Shipping and Maritime Register of Shipping show, that our products meet the high expectations from the nautical industry.
Wind energy
Industry solutions for wind turbines
Power generation through wind energy is set to be the most important source of renewable energy in the future. Wind
turbines are mainly placed
on fields
in the ocean
at lakes
Customized enclosures from ROSE Sytemtechnik are installed on the inside and outside of wind turbines to protect
electronics. They need to withstand strong vibrations and caused by the movement of the rotor blades and be impact
resistant due to possible collision. A special coating protects against:
Lubricating oil
Gasoline
Salt and seawater
Fertilizer
Terminal boxes made of aluminium are being installed in maintenance platforms as an example. Offshore plants
need to use special stainless steel enclosures due to corrosion resistance.
Industries
Introduction
Industries
Introduction
Page
17
ENCLOSURE SYSTEMS
Page
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43