| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0650 Fiches technique(PDF) 16 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0650 Fiches technique(HTML) 16 Page - DFROBOT |
|
16 / 25 page ![]() 2023/10/12 10:58 DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 16/25 u8g2.drawStr( /* x=*/64,/* y=*/32, DFR ); //Draw a string u8g2.setFontDirection(1); u8g2.drawStr(64,32, " DFR"); u8g2.setFontDirection(2); u8g2.drawStr(64,32, " DFR"); u8g2.setFontDirection(3); u8g2.drawStr(64,32, " DFR"); }while(u8g2.nextPage()); delay(1500); } void loop(void) { u8g2.setFont( u8g2_font_sticker_mel_tr ); for(int i = 0 ; i < 4 ; i++ ) { switch(i) { case 0: u8g2.setFontDirection(0); break; case 1: u8g2.setFontDirection(1); break; case 2: u8g2.setFontDirection(2); break; case 3: u8g2.setFontDirection(3); break; } /* * firstPage will change the current page number position to 0 * When modifications are between firstpage and nextPage, they will be re-rendered at each time. * This method consumes less ram space than sendBuffer */ u8g2.firstPage(); do { u8g2 drawStr(64 32 "DFR"); |