| Moteur de recherche de fiches techniques de composants électroniques |
|
DFR0650 Fiches technique(PDF) 7 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0650 Fiches technique(HTML) 7 Page - DFROBOT |
|
7 / 25 page ![]() 2023/10/12 10:58 DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 7/25 /*! * @file HelloWorld.ino * @brief A simple and classic "Hello World!" * @n U8G2 supports fonts of multiple sizes, and this demo is just one font size to choose for display. * @n U8G2 Font GitHub Link: https://github.com/olikraus/u8g2/wiki/fntlistall * * @copyright Copyright (c) 2010 DFRobot Co.Ltd (https://www.dfrobot.com) * @licence The MIT License (MIT) * @author [Ivey](Ivey.lu@dfrobot.com) * @version V1.0 * @date 2019-11-29 * @get from https://www.dfrobot.com * @url https://github.com/DFRobot/U8g2_Arduino */ #include <Arduino.h> #include <U8g2lib.h> //#include <SPI.h> #include <Wire.h> /* * Display hardware IIC interface constructor *@param rotation :U8G2_R0 Not rotate, horizontally, draw direction from left to right U8G2_R1 Rotate clockwise 90 degrees, drawing direction from top to bottom U8G2_R2 Rotate 180 degrees clockwise, drawing in right-to-left directions U8G2_R3 Rotate clockwise 270 degrees, drawing direction from bottom to top U8G2_MIRROR Normal display of mirror content (v2.6.x version used above) Note: U8G2_MIRROR need to be used with setFlipMode(). *@param reset :U8x8_PIN_NONE Indicates that the pin is empty and no reset pin is used * Display hardware SPI interface constructor *@param Just connect the CS pin (pins are optional) *@param Just connect the DC pin (pins are optional) * */ |