| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDV3 Fiches technique(PDF) 11 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
LEDV3 Fiches technique(HTML) 11 Page - Midas Components |
|
11 / 13 page ![]() Note 7: Color chromaticity is defined as follow: (CIE1931) Color coordinates measured at center point of LCD. 100% triangle NTSC of area triangle RGB of area S Note 8: Luminance is defined as follow: Luminance is defined as the brightness of all pixels “White” at the center of display area on optimum contrast. Note 9: Luminance Uniformity is defined as follow: Active area is divided into 9 measuring areas (Refer Fig. 2). Every measuring point is placed at the center of each measuring area. points 9 in ) brightness Luminance( Maximum points 9 in ) brightness Luminance( Minimum = (U) Uniformity Fig. 2 Definition of uniformity Page 11 of 13 |