Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEDV3 Fiches technique(PDF) 10 Page - Midas Components

No de pièce LEDV3
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIDASDISPLAYS [Midas Components]
Site Internet  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Fiches technique(HTML) 10 Page - Midas Components

Back Button LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components LEDV3 Datasheet HTML 13Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Note 5 : Surface luminance is the center point across the LCD surface 50cm from the
surface with all pixels displaying white. This measurement shall be taken at the locations
shown in FIG as follow:
Note 6: Viewing angle range is defined as follow:
Viewing angle is measured at the center point of the LCD.
Page 10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13