| Moteur de recherche de fiches techniques de composants électroniques |
|
VBWFD1 Fiches technique(PDF) 5 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
VBWFD1 Fiches technique(HTML) 5 Page - Midas Components |
|
5 / 25 page ![]() 1 1 Read display data 1 0 Write display data 0 1 Read status 0 0 Write to internal register (command) Display start line register Line counter Display Data RAM ( DD RAM ) Display data latch LCD drive circuit MPU interface Colume address register Colume address counter To LCD Panel D0 ~ D7 A0 , E1 , E2 R/W RES 6. Display Control Instruction Block Diagram ◆ ◆ ◆ ◆ This 122×32 dots LCD Module built in two SBN1661G_M18-D LSI controller. MPU interface ◆ ◆ ◆ ◆ The SBN1661G_M18-D controller transfers data via 8-bit bidirecional data buses (Do to D7), it can fit any MPU if it corresponds to SBN1661G_M18-D Read and Write Timing Characteristics. Data transfer ◆ ◆ ◆ ◆ The SBN1661G_M18-D driver uses the A0, E and R/W signals to transfer data between the system MPU and internal registers, The combinations used are given in the table below. A0 R/W Function Page 5 of 25 |