| Moteur de recherche de fiches techniques de composants électroniques |
|
VBWFD1 Fiches technique(PDF) 21 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
VBWFD1 Fiches technique(HTML) 21 Page - Midas Components |
|
21 / 25 page ![]() NO Item Criterion AQL 05 Scratches Follow NO.3 LCD black spots, white spots, contamination 06 x≦1/8a z: Chip thickness y: Chip width x: Chip length Z≦1/2t Not over viewing area x≦1/8a 1/2t<z≦2t Not exceed 1/3k x≦1/8a ☉If there are 2 or more chips, x is the total length of each chip. 2.5 Chipped glass Symbols Define: x: Chip length y: Chip width z: Chip thickness k: Seal width t: Glass thickness a: LCD side length L: Electrode pad length: 6.1 General glass chip : 6.1.1 Chip on panel surface and crack between panels: z: Chip thickness y: Chip width x: Chip length Z≦1/2t Not over viewing area x≦1/8a 1/2t<z≦2t Not exceed 1/3k ☉If there are 2 or more chips, x is total length of each chip. 6.1.2 Corner crack: Page 21 of 25 |