Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E32-R21 Fiches technique(PDF) 29 Page - Omron Electronics LLC

No de pièce E32-R21
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Fiches technique(HTML) 29 Page - Omron Electronics LLC

Back Button E32-R21 Datasheet HTML 25Page - Omron Electronics LLC E32-R21 Datasheet HTML 26Page - Omron Electronics LLC E32-R21 Datasheet HTML 27Page - Omron Electronics LLC E32-R21 Datasheet HTML 28Page - Omron Electronics LLC E32-R21 Datasheet HTML 29Page - Omron Electronics LLC E32-R21 Datasheet HTML 30Page - Omron Electronics LLC E32-R21 Datasheet HTML 31Page - Omron Electronics LLC E32-R21 Datasheet HTML 32Page - Omron Electronics LLC E32-R21 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
E3X-NH
E3X-NH
29
E32-D32L
Sensing head, 3 dia. (stainless)
Branching box, 6 dia.
(heat-resistive ABS
black resin)
Light emission fiber
(1 dia.)
Light reception fiber
(sixteen, 0.265 dia.)
Optical fibers, two, 2.2 dia.
Note:
The fiber for the emitter is identified by a yellow dotted line.
E32-D24
Light baffle
Sensing surface
Sensing head (SUS304)
2 dia. 3 dia.
Heat-shrinking tubing Optical fibers, two, 1 dia.
Two fiber attachments (E39-F9)
E32-D14L
6 dia.
Sensing head
(stainless)
Heat-shrinking tubing
Optical fiber, two, 2.2 dia.
Sensing surface
Light baffle
E32-D12F
Sensing head, 6 dia.
Fluoride resin
5 dia.
Optical fiber, two, 2.2 dia.
E32-D51
Two, 1.5 dia.
Two toothed washers
Two hexagon clamping nuts
Sensing head,M6 x 0.75*
Optical fiber, two, 2.2 dia.
Note:
Resistant temperature is 150
°C.
Resistant temperature is 130
°C
when used continuously.
*nickel-plated brass
E32-D61
Note:
Section A resists 300
°C and section B (which is inserted to the Amplifier) resists 110°C. The operat-
ing temperature of the section to be inserted (marked with *) must be within the operating tempera-
ture range of the Amplifier.
1.4 dia.
M4 x 0.7
3.5 dia.
5 dia.
SUS303
Two hexagon clamping nuts
Two toothed washers
Sensing head
(SUS303) M6 x 0.75
SUS
flexible
tube
Hexagon
clamping
screw
Sleeve
(see note)
5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38