| Moteur de recherche de fiches techniques de composants électroniques |
|
E3Z-R81K 2M Fiches technique(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R81K 2M Fiches technique(HTML) 11 Page - Omron Electronics LLC |
|
11 / 18 page ![]() 11 E3Z I/O Circuit Diagrams NPN Output PNP Output * Models numbers for Through-beam Sensors (E3Z-T @@) are for sets that include both the Emitter and Receiver. The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-T61-L 2M), the model number of the Receiver, by adding "-D" (example: E3Z-T61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers. Model* Operation mode Timing charts Operation selector Output circuit E3Z-T61(K) E3Z-T66 E3Z-T62 E3Z-T67 E3Z-T61A E3Z-T66A E3Z-R61(K) E3Z-R66 E3Z-D61(K) E3Z-D66 E3Z-D62(K) E3Z-D67 E3Z-L61 E3Z-L66 E3Z-B61 E3Z-B66 E3Z-B62 E3Z-B67 E3Z-L63 E3Z-L68 Light-ON L side (LIGHT ON) Dark-ON D side (DARK ON) Model* Operation mode Timing charts Operation selector Output circuit E3Z-T81(K) E3Z-T86 E3Z-T82 E3Z-T87 E3Z-T81A E3Z-T86A E3Z-R81(K) E3Z-R86 E3Z-D81(K) E3Z-D86 E3Z-D82(K) E3Z-D87 E3Z-L81 E3Z-L86 E3Z-B81 E3Z-B86 E3Z-B82 E3Z-B87 E3Z-L83 E3Z-L88 Light-ON L side (LIGHT ON) Dark-ON D side (DARK ON) Incident light No incident light ON OFF ON OFF Operate Reset Operation indicator (orange) (Between brown (1) and black (4) leads) Output transistor Load (e.g., relay) Connector Pin Arrangement Pin 2 is not used. 4 1 2 4 3 3 1 12 to 24 VDC Brown Black (Control output) Blue 100 mA max. Operation indicator Stability indicator (Green) (Orange) 0 V ZD Load (Relay) Photo- electric Sensor main circuit Through-beam Receivers, Retro-reflective Models, Diffuse-reflective Models, Limited reflective Models. Incident light No incident light ON OFF ON OFF Operate Reset Operation indicator (orange) (Between brown (1) and black (4) leads) Output transistor Load (e.g., relay) 1 2 4 3 3 1 Power indicator (orange) Connector Pin Arrangement Pins 2 and 4 are not used. 12 to 24 VDC Brown Blue Photo- electric Sensor main circuit Through-beam Emitter Incident light No incident light ON OFF ON OFF Operate Reset Operation indicator (orange) (Between blue (3) and black (4) leads) Output transistor Load (e.g., relay) 4 1 2 4 3 1 3 0 V ZD Connector Pin Arrangement Pin 2 is not used. 12 to 24 VDC Brown Black (Control output) Blue 100 mA max. Operation indicator Stability indicator (Green) (Orange) Load (Relay) Photo- electric Sensor main circuit Through-beam Receivers, Retro-reflective Models, Diffuse-reflective Models, Limited reflective Models. Incident light No incident light ON OFF ON OFF Operate Reset Operation indicator (orange) (Between blue (3) and black (4) leads) Output transistor Load (e.g., relay) 1 2 4 3 3 1 Power indicator (orange) Connector Pin Arrangement Pins 2 and 4 are not used. 12 to 24 VDC Brown Blue Photo- electric Sensor Main Circuit Through-beam Emitter |