| Moteur de recherche de fiches techniques de composants électroniques |
|
E3Z-R81K 2M Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R81K 2M Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 18 page ![]() 10 E3Z Excess Gain vs. Set Distance E3Z-B @1/B@6 + E39-R1S Reflector (Order Separately) E3Z-B @2/B@7 + E39-R1S Reflector (Order Separately) Sensing Object Size vs. Sensing Distance Diffuse-reflective Models Diffuse-reflective Models Narrow-beam Reflective Models E3Z-D @1(D@6) E3Z-D @2(D@7) E3Z-L @1(L@6) Spot Diameter vs. Sensing Distance Differential Travel vs. Sensing Distance Narrow-beam Reflective Models Narrow-beam Reflective Models E3Z-L @1(L@6) E3Z-L @1(L@6) 0.1 1 10 100 0.5 1 1.5 2 2.5 3 500-mm type Distance (m) 0.1 1 10 100 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Distance (m) 2-m type d d 350 300 250 200 150 100 50 350 300 250 200 150 100 50 0 Side length (one side) of sensing object: d (mm) Black paper SUS (glossy surface) White paper d d 4.5 4 3.5 3 2.5 2 1.5 1 0.5 350 300 250 200 150 100 50 0 Side length (one side) of sensing object: d (mm) Black paper SUS (glossy surface) White paper d d 300 250 200 150 100 50 100 10 20 30 7.5 12 3 5 0 Side length (one side) of sensing object: d (mm) White paper 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 160 140 120 80 40 100 60 20 0 Distance (mm) 30 25 20 15 10 5 150 100 75 125 50 0 Distance (mm) |