| Moteur de recherche de fiches techniques de composants électroniques |
|
E5CD-RX2A6M-002 Fiches technique(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CD-RX2A6M-002 Fiches technique(HTML) 19 Page - Omron Electronics LLC |
|
19 / 56 page ![]() E5CD/E5CD-B 19 Draw-out Jig (Cannot be used on a Push-In Plus terminal block type) Y92F-58 Waterproof Cover Y92A-48N Mounting Adapter Y92F-49 Front Cover Y92A-48D Note: This Front Cover cannot be used if the Waterproof Packing is installed. Front Cover Y92A-48H 67.6 28.9 69 12 21.9 14 (2) 79.2 87.7 The Mounting Adapter is provided with the Digital Temperature Controller. Order this Adapter separately if it becomes lost or damaged. This Front Cover is soft type. It is able to operate the controller with using this cover. This Front Cover is hard type. Please use it for the mis-operation prevention etc. 55.5 43.6 35.2 Use this Draw-out Jig to remove the interior body of the Digital Temperature Controller from the case to perform maintenance without removing the terminal wiring. |