Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5CD-RX2A6M-002 Fiches technique(PDF) 18 Page - Omron Electronics LLC

No de pièce E5CD-RX2A6M-002
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-002 Fiches technique(HTML) 18 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-002 Datasheet HTML 14Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 15Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 16Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 17Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 18Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 19Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 20Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 21Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
E5CD/E5CD-B
18
Adapter
DIN Track Mounting Adapter (Cannot be used on a Push-In Plus terminal block type)
87
76
4.7
Fixture (Accessory)
69.6 to 77.6
67 × 67
72 × 72
72 × 72
48 × 48
Panel (1 to 8 mm)
Mounting Adapter
Y92F-30
(Accessory)
62.8
To back of the E5CD
2.2
4.7
Y92F-45
Mounting Example
Note: 1. Use this Adapter when the Front Panel has already been prepared for the E5B
@.
2. Only black is available.
3. You cannot use the E58-CIFQ2 USB-Serial Conversion Cable if you use the Y92F-45 Adapter. To use the USB-Serial
Conversion Cable to make the settings, do so before you mount the Digital Temperature Controller in the panel.
4. You cannot use it together with the Y92F-49 Adapter that is enclosed with the Controller.
50
61
3.5
38
48
80.5
Y92F-52
Mounting Example
Note: This Adapter cannot be used together with the Terminal Cover.
Remove the Terminal Cover to use the Adapter.
This Adapter is used to mount the
E5CD to a DIN Track.
If you use the Adapter, there is no
need for a plate to mount in the panel
or to drill mounting holes in the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56