Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8103750 Fiches technique(PDF) 2 Page - ledxon GmbH

No de pièce 8103750
Description  Downlight DLL1-WSH, 35W 1817lm CRI90 2700K WSH white DALI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103750 Fiches technique(HTML) 2 Page - ledxon GmbH

  8103750 Datasheet HTML 1Page - ledxon GmbH 8103750 Datasheet HTML 2Page - ledxon GmbH 8103750 Datasheet HTML 3Page - ledxon GmbH 8103750 Datasheet HTML 4Page - ledxon GmbH 8103750 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8103750
/
Page 2 5
OXOMI
Created on 09/18/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
411 mm
Width
45 mm
Height
50 mm
Volume
924.75 cm³ (0.92 l)
Weight
0.69 kg
FEATURES
Product group
Downlight/spot/floodlight (EC001744)
Suitable for wall mounting
No
Exchangeable control gear
No
Dimming DALI-2
Yes
Suitable for traverse mounting
No
Suitable for pedestal/floor mounting
No
Suitable for light-track mounting
No
Suitable for clamp-mounting
No
Linear recessed ceiling and wall light. Particularly suitable for demanding, glare-free
lighting (UGR <10) and ideal for high performance with low ceiling installation depths.
Available in three length models. Housing made of aluminum powder-coated in black and
white powder paint. Optimized visual comfort thanks to the optical system consisting of a
mini reflector and black anti-dazzle louvre. High power LEDs with increased color
rendering (CRI ra >92). Light intensity distributions rotationally symmetrical in medium and
wide beam, alternatively asymmetric (Wallwasher). Installation using spring clips.
Interchangeable and removable LED unit with external control gear.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com