| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6042LDFPR Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6042LDFPR Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 56 page ![]() 6.7 Safety-Related Certifications VDE UL CQC TUV Plan to certify according to DIN EN IEC 60747-17 (VDE 0884-17) Plan to certify according to UL 1577 and CSA CAS Notice No. 5A Plan to certify according to GB4943.1 Plan to certify according to EN 61010-1 and EN 62368-1 Certificate planned Certificate planned Certificate planned Certificate planned 6.8 Safety Limiting Values Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DW-16 (Wide-SOIC) Package IS Safety input, output, or supply current RθJA = 71.8°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 316.5 mA RθJA = 71.8°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 483.6 RθJA = 71.8°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 633.1 RθJA = 71.8°C/W, VI = 1.89V, TJ = 150°C, TA = 25°C 921.1 PS Safety input, output, or total power RθJA = 71.8°C/W, TJ = 150°C, TA = 25°C 1740.9 mW TS Maximum safety temperature 150 °C DFP-16 (Wide-SSOP) Package IS Safety input, output, or supply current RθJA = 97.2°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 233.8 mA IS RθJA = 97.2°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 357.2 IS RθJA = 97.2°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 467.6 IS RθJA = 97.2°C/W, VI = 1.89V, TJ = 150°C, TA = 25°C 680.4 PS Safety input, output, or total power RθJA = 97.2°C/W, TJ = 150°C, TA = 25°C 1286.0 mW TS Maximum safety temperature 150 °C DBQ-16 (SSOP) Package IS Safety input, output, or supply current RθJA = 91.8°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C 247.6 mA IS RθJA = 91.8°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C 378.2 IS RθJA = 91.8°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C 495.1 IS RθJA = 91.8°C/W, VI = 1.89V, TJ = 150°C, TA = 25°C 720.5 PS Safety input, output, or total power RθJA = 91.8°C/W, TJ = 150°C, TA = 25°C 1361.7 mW TS Maximum safety temperature 150 °C (1) The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be exceeded. These limits vary with the ambient temperature, TA. The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount packages. Use these equations to calculate the value for each parameter: TJ = TA + RθJA × P, where P is the power dissipated in the device. TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature. PS = IS × VI, where VI is the maximum input voltage. www.ti.com ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: ISO6040 ISO6041 ISO6042 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |