| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6042LDFPR Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6042LDFPR Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 56 page ![]() 8.5 Device I/O Schematics INx VCCI VCCI VCCI ≅1M ≅1k Figure 8-2. Input (INx) Default High (Device With H Suffix) Schematics VCCI ≅1M INx VCCI ≅1k Figure 8-3. Input (INx) Default High (Device With L Suffix) Schematics VCCO ≅22 OUTx Figure 8-4. Output (OUTx) Schematics ENx VCCI VCCI VCCI ≅1M ≅1k Figure 8-5. Enable (ENx) Schematics 8.6 Overvoltage Tolerant Input The input pins of this device, INx and ENx, support input signal voltage in excess of the supply voltage (VCCI) on the input side of the device as long as the voltage on the inputs remains below the voltages listed in the Recommended Operating Conditions and Absolute Maximum sections. This allows the device to support input signal voltages on the inputs when the input supply, VCCI, is unpowered. In this use case, the outputs transition to the default output state when the input side no longer has a valid supply. These inputs also provide the capability of the inputs to down translate input signal voltages up to the VIMAX in the Recommended Operating Conditions section. For example, an input signal 5V high-level can be used while VCCI is operating a 3.3V. ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 www.ti.com 32 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6040 ISO6041 ISO6042 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |