Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6040LDFPR Fiches technique(PDF) 34 Page - Texas Instruments

No de pièce ISO6040LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040LDFPR Fiches technique(HTML) 34 Page - Texas Instruments

Back Button ISO6040LDFPR Datasheet HTML 30Page - Texas Instruments ISO6040LDFPR Datasheet HTML 31Page - Texas Instruments ISO6040LDFPR Datasheet HTML 32Page - Texas Instruments ISO6040LDFPR Datasheet HTML 33Page - Texas Instruments ISO6040LDFPR Datasheet HTML 34Page - Texas Instruments ISO6040LDFPR Datasheet HTML 35Page - Texas Instruments ISO6040LDFPR Datasheet HTML 36Page - Texas Instruments ISO6040LDFPR Datasheet HTML 37Page - Texas Instruments ISO6040LDFPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Sitara
C2000
TM4Cxx
Microcontroller
VSS
VDDIO
GND
AINP
CS
SCLK
SDI
SDO
ADS127L21
ADS127L18
ADS127L11 AINN
Analog
Input
VCC1
VCC2
GND1
INA
IND
INB
OUTA
OUTB
INC
EN1
OUTC
OUTD
EN2
SPI_SDI
SPI_CLK
SPI_nCS
GND2
VCore
ISO Barrier
GND1
INA
OUTD
INB
OUTA
OUTB
OUTC
EN1
INC
IND
EN2
GND2
VCC1
VCC2
RESET
DRDY
CLK
START
SPI_SDO
GPIO0
GPIO1
GPIO2_CLK
GPIO3
ISO6040
ISO6042
Figure 9-2. Isolated SPI for an Analog Input, Full IO Connection to the ADC
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com