Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6040LDFPR Fiches technique(PDF) 26 Page - Texas Instruments

No de pièce ISO6040LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040LDFPR Fiches technique(HTML) 26 Page - Texas Instruments

Back Button ISO6040LDFPR Datasheet HTML 22Page - Texas Instruments ISO6040LDFPR Datasheet HTML 23Page - Texas Instruments ISO6040LDFPR Datasheet HTML 24Page - Texas Instruments ISO6040LDFPR Datasheet HTML 25Page - Texas Instruments ISO6040LDFPR Datasheet HTML 26Page - Texas Instruments ISO6040LDFPR Datasheet HTML 27Page - Texas Instruments ISO6040LDFPR Datasheet HTML 28Page - Texas Instruments ISO6040LDFPR Datasheet HTML 29Page - Texas Instruments ISO6040LDFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
6.22 Typical Characteristics
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = 15pF
Figure 6-7. ISO6040H or ISO6040L Supply Current
vs Data Rate (With 15pF Load)
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 6-8. ISO6040H or ISO6040L Supply Current
vs Data Rate (With No Load)
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
3
6
9
12
15
18
21
24
27
30
33
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = 15pF
Figure 6-9. ISO6041H or ISO6041L Supply Current
vs Data Rate (With 15pF Load)
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 6-10. ISO6041H or ISO6041L Supply Current
vs Data Rate (With No Load)
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
26
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com