Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6040HDFPR Fiches technique(PDF) 42 Page - Texas Instruments

No de pièce ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Fiches technique(HTML) 42 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 38Page - Texas Instruments ISO6040HDFPR Datasheet HTML 39Page - Texas Instruments ISO6040HDFPR Datasheet HTML 40Page - Texas Instruments ISO6040HDFPR Datasheet HTML 41Page - Texas Instruments ISO6040HDFPR Datasheet HTML 42Page - Texas Instruments ISO6040HDFPR Datasheet HTML 43Page - Texas Instruments ISO6040HDFPR Datasheet HTML 44Page - Texas Instruments ISO6040HDFPR Datasheet HTML 45Page - Texas Instruments ISO6040HDFPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
• Removed Package from Device Features table, package option per device configuration is summarized in the
Device Comparison and Mechanical, Packaging, and Orderable Information sections. ................................. 31
• Updated eye diagrams in the Application Curve section.................................................................................. 36
• Added app note "Maintain Isolation Ratings in Half the Size with DFB and DFP Digital Isolator Packaging" to
Related Documentation section........................................................................................................................40
Changes from Revision * (December 2025) to Revision A (March 2026)
Page
• Updated status of the data sheet to mixed status for both production and advanced information devices, refer
to the Packaging Information table on the Package Option Addendum page in the Mechanical, Packaging,
and Orderables section for Production or Preproduction status for specific device and package. Added small
form factor packages Wide-SSOP (DFP-16) and SSOP (DBQ-16) to document. .............................................1
• Updated the CMTI minimum and typical values, updated part to part skew maximum values and removed
clock jitter throughout the document. .................................................................................................................1
• Deleted planned CSA certification and added planned UL 1577 and CSA CAS Notice No. 5A certification
throughout the document. Removed IEC 60601-1 from planned certifications. ................................................ 1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the part to part skew for 2.5V, 3.3V and 5V VCC maximum values and updated the time interval error
(tie) typical values for all VCCs in the Switching Characteristics sections. ..........................................................6
• Updated the minimum and typical CMTI values for all VCCs and updated the typical values for input
capacitance (CI) for all VCCs in Electrical Characteristics sections. ...................................................................6
• Updated the maximum ICC1 and ICC2 values for all VCCs in the Supply Current sections for 10Mbps, 25Mbps
and 100Mbps. Added typical ICC ICC1 and ICC2 values for all VCCs in the Supply Current sections.................. 6
• Added the Insulation Characteristics Curves section to the document............................................................ 24
• Added the Typical Characteristics section to the document............................................................................. 26
• Added the Application Curve section to the document.....................................................................................36
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
42
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com