Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6040HDFPR Fiches technique(PDF) 19 Page - Texas Instruments

No de pièce ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Fiches technique(HTML) 19 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 15Page - Texas Instruments ISO6040HDFPR Datasheet HTML 16Page - Texas Instruments ISO6040HDFPR Datasheet HTML 17Page - Texas Instruments ISO6040HDFPR Datasheet HTML 18Page - Texas Instruments ISO6040HDFPR Datasheet HTML 19Page - Texas Instruments ISO6040HDFPR Datasheet HTML 20Page - Texas Instruments ISO6040HDFPR Datasheet HTML 21Page - Texas Instruments ISO6040HDFPR Datasheet HTML 22Page - Texas Instruments ISO6040HDFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
6.16 Supply Current Characteristics-1.8V Supply
VCC1 = VCC2 = 1.8V ±5% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6040d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1)(default high device, H); VI = 0V (default
low device, L)
ICC1
0.97
mA
ICC2
1.44
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
0.97
ICC2
1.44
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
0.97
ICC2
1.44
10Mbps
ICC1
1.77
ICC2
2.01
25Mbps
ICC1
2.97
ICC2
2.86
100Mbps
ICC1
9.00
ICC2
7.13
ISO6041d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
0.83
1.16
mA
ICC2
0.94
1.30
VI = 0V (default high device, H); VI = VCC1 (default low
device, L)
ICC1
0.83
1.16
ICC2
0.93
1.30
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
0.86
1.16
ICC2
0.97
1.30
10Mbps
ICC1
1.3
1.69
ICC2
1.3
1.64
25Mbps
ICC1
2.1
2.62
ICC2
1.9
2.28
100Mbps
ICC1
6.2
7.30
ICC2
4.6
5.50
ISO6042d (d = H for default high and d = L for default low)
Supply current - DC signal
(2)
VI = VCC1 (1) (default high device, H); VI = 0V (default
low device, L)
ICC1
1.13
mA
ICC2
1.11
VI = 0V (default high device, H); VI = VCC1 ((default low
device, L)
ICC1
1.13
ICC2
1.11
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 0pF
1Mbps
ICC1
1.13
ICC2
1.11
10Mbps
ICC1
1.81
ICC2
1.80
25Mbps
ICC1
2.84
ICC2
2.82
100Mbps
ICC1
7.99
ICC2
7.97
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com