Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC860EC Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc

No de pièce MPC860EC
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860EC Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC860EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC860EC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
23
Bus Signal Timing
Figure 7 provides the timing for the synchronous input signals.
Figure 7. Synchronous Input Signals Timing
Figure 8 provides normal case timing for input data. It also applies to normal read accesses under the
control of the UPM in the memory controller.
Figure 8. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80