Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95160-RDL3T Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M95160-RDL3T
Description  64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-RDL3T Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M95160-RDL3T Datasheet HTML 11Page - STMicroelectronics M95160-RDL3T Datasheet HTML 12Page - STMicroelectronics M95160-RDL3T Datasheet HTML 13Page - STMicroelectronics M95160-RDL3T Datasheet HTML 14Page - STMicroelectronics M95160-RDL3T Datasheet HTML 15Page - STMicroelectronics M95160-RDL3T Datasheet HTML 16Page - STMicroelectronics M95160-RDL3T Datasheet HTML 17Page - STMicroelectronics M95160-RDL3T Datasheet HTML 18Page - STMicroelectronics M95160-RDL3T Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19/39
M95640, M95320
Figure 15. Page Write (WRITE) Sequence
Note: Depending on the memory size, as shown in Table 6, the most significant address bits are Don’t Care.
C
D
AI01796D
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
Instruction
16-Bit Address
0
765432
0
1
Data Byte 1
31
43
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
65432
0
1
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19